Part Number Hot Search : 
S3202 SY89842U PST532 00G10Y0 00309 AD8074 N74F651 220M06
Product Description
Full Text Search
 

To Download PALC22V10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1P AL C2 2V 10
This is an abbreviated datasheet. Contact a Cypress representative for complete specifications. For new designs, please refer to the PALCE22V10.
fax id: 6005
PALC22V10
Reprogrammable CMOS PAL(R) Device
Features
* Advanced second-generation PAL architecture * Low power -- 55 mA max. "L" -- 90 mA max. standard -- 120 mA max. military * CMOS EPROM technology for reprogrammability * Variable product terms -- 2 x (8 through 16) product terms * User-programmable macrocell -- Output polarity control -- Individually selectable for registered or combinatorial operation * * * * 20, 25, 35 ns commercial and industrial 25, 30, 40 ns military Up to 22 input terms and 10 outputs High reliability -- Proven EPROM technology
-- 100% programming and functional testing * Windowed DIP, windowed LCC, DIP, LCC, and PLCC available
Functional Description
The Cypress PALC22V10 is a CMOS second-generation programmable logic array device. It is implemented with the familiar sum-of-products (AND-OR) logic structure and a new concept, the "programmable macrocell."
Logic Block Diagram (PDIP/CDIP)
VSS 12 I 11 I 10 I 9 I 8 I 7 I 6 I 5 I 4 I 3 I 2 CP/I 1
PROGRAMMABLE AND ARRAY (132 X 44) 8 10 12 14 16 16 14 12 10 8
Reset
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Preset
13 I
14 I/O9
15 I/O8
16 I/O 7
17 I/O6
18 I/O5
19 I/O4
20 I/O3
21 I/O 2
22 I/O1
23 I/O0
24 VCC V10-1
Pin Configuration
LCC/PLCC Top View
4 3 2 1 282726 I I I NC I I I 5 6 7 8 9 10 11 12131415161718 25 24 23 22 21 20 19 I/O 2 I/O 3 I/O 4 NC I/O 5 I/O 6 I/O 7
V10-2
PAL is a registered trademark of Advanced Micro Devices. Cypress Semiconductor Corporation * 3901 North First Street * San Jose * CA 95134 * 408-943-2600 June 1986 - Revised September 1995
PALC22V10
Functional Description (continued)
The PALC22V10 is available in 24-pin 300-mil molded DIPs, 300-mil windowed cerDIPs, 28-lead square ceramic leadless chip carriers, 28-lead square plastic leaded chip carriers, and provides up to 22 inputs and 10 outputs. When the windowed cerDIP is exposed to UV light, the 22V10 is erased and can then be reprogrammed. The programmable macrocell provides the capability of defining the architecture of each output Document #: 38-00020-H individually. Each of the 10 potential outputs may be specified as registered or combinatorial. Polarity of each output may also be individually selected, allowing complete flexibility of output configuration. Further configurability is provided through array-configurable output enable for each potential output. This feature allows the 10 outputs to be reconfigured as inputs on an individual basis, or alternately used as a combination I/O controlled by the programmable array.
(c) Cypress Semiconductor Corporation, 1995. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.


▲Up To Search▲   

 
Price & Availability of PALC22V10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X